| Zakładka z wyszukiwarką danych komponentów |
|
TDA4605 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA4605 Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() September 2003 1/7 TDA4605 CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS s Fold-Back Characteristic provides Overload Protection for External Diodes s Burst Operation under Short-Circuit and no Load Conditions s Loop Error Protection s Switch-off in case of too low Line Voltage (Under Voltage Switch-off) s Line Voltage Compensation of Overload Point s Soft-Start for smooth Start-up s Chip Over-Temperature Protection (Thermal Shutdown) s On-Chip Parasitic Transformer Oscillation Suppression Circuitry s Decrease of Regulated Voltage for low Power Consumption DESCRIPTION The IC TDA4605 controls the MOS Power Tran- sistor and performs all necessary regulation and monitoring functions in free running flyback con- verters. Since good load regulation over a wide load range is attained, this IC is particularly suita- ble for Consumer as well as Industrial Power Sup- plies. Alternative source of the TDA4605 is also availa- ble from SIEMENS Semiconductors Consumer Electronics A.G. Figure 1. Pin Connections DIP28 (Plastic Package) ORDER CODE: TDA4605 SO8 (Plastic Micropackage) ORDER CODE: TDA4605D 1 2 3 4 8 7 6 5 REGULATION INPUT PRIMARY CURRENT SIMULATION PRIMARY VOLTAGE MONITORING GROUND OUTPUT SUPPLY VOLTAGE SOFT-START ZERO CROSSING DETECTOR INPUT 1 |
Podobny numer części - TDA4605 |
|
Podobny opis - TDA4605 |