| Zakładka z wyszukiwarką danych komponentów |
|
ZVG65W Arkusz danych(PDF) 3 Page - SunLED Corporation |
|
|
|||||||||||||||||||||||||||||
ZVG65W Arkusz danych(HTML) 3 Page - SunLED Corporation |
|
3 / 4 page ![]() Published Date : FEB 27, 2008 Drawing No : SDSA4482 V3 Checked : B.L.LIU P.3/4 Part Number: ZVG65W 2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP www.SunLED.com Recommended Soldering Pattern (Units : mm; Tolerance: ±0.1) The device has a single mounting surface. The device must be mounted according to the specifications. Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Tape Specification (Units : mm) |