Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZVG45FW Arkusz danych(PDF) 3 Page - SunLED Corporation

Numer części ZVG45FW
Szczegółowy opis  3.5x2.8 mm PLCC2 SMD LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNLED [SunLED Corporation]
Strona internetowa  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG45FW Arkusz danych(HTML) 3 Page - SunLED Corporation

  ZVG45FW Datasheet HTML 1Page - SunLED Corporation ZVG45FW Datasheet HTML 2Page - SunLED Corporation ZVG45FW Datasheet HTML 3Page - SunLED Corporation ZVG45FW Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : FEB 28,2008
Drawing No : SDSA6366
V1
Checked : B.L.LIU
P.3/4
Part Number:
ZVG45FW
3.5x2.8 mm PLCC2 SMD LED
www.SunLED.com
Tape Specification (Units : mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
Recommended Soldering Pattern
(Units : mm; Tolerance: ±0.1)
The device has a single mounting surface. The device
must be mounted according to the specifications.



Html Pages

1 2 3 4