| Zakładka z wyszukiwarką danych komponentów |
|
STPC12GDYC Arkusz danych(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPC12GDYC Arkusz danych(HTML) 32 Page - STMicroelectronics |
|
32 / 111 page ![]() PIN DESCRIPTION 32/111 Issue 1.0 - July 24, 2002 F19 GND F21 GND H4 GND H21 GND H23 GND J6 GND L6 GND L11:16 GND L21 GND M6 GND M11:16 GND N11:16 GND N21 GND P6 GND P11:16 GND R11:16 GND R21 GND T6 GND Table 2-6. Pinout Pin# Pin Name Note1; This signal is multiplexed see Table 2-4 T11:16 GND T21 GND V21 GND V23 GND W4 GND W6 GND W21 GND AA6 GND AA8 GND AA9 GND AA11 GND AA13 GND AA15 GND AA17 GND AA19 GND AA21 GND AB5 GND AB22 GND Table 2-6. Pinout Pin# Pin Name Note1; This signal is multiplexed see Table 2-4 AC4 GND AC11 GND AC17 GND AC23 GND AD3 GND AD24 GND AE2 GND AE25 GND AF1 GND AF26 GND G3 Reserved F1 Reserved Table 2-6. Pinout Pin# Pin Name Note1; This signal is multiplexed see Table 2-4 |