Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPCELITE Arkusz danych(PDF) 58 Page - STMicroelectronics

Numer części STPCELITE
Szczegółowy opis  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Arkusz danych(HTML) 58 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 54Page - STMicroelectronics STPCELITE Datasheet HTML 55Page - STMicroelectronics STPCELITE Datasheet HTML 56Page - STMicroelectronics STPCELITE Datasheet HTML 57Page - STMicroelectronics STPCELITE Datasheet HTML 58Page - STMicroelectronics STPCELITE Datasheet HTML 59Page - STMicroelectronics STPCELITE Datasheet HTML 60Page - STMicroelectronics STPCELITE Datasheet HTML 61Page - STMicroelectronics STPCELITE Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 87 page
background image
MECHANICAL DATA
58/87
Release 1.3 - January 29, 2002
5.3. SOLDERING RECOMMENDATIONS
High
quality,
low
defect
soldering
requires
identifying the optimum temperature profile for
reflowing the solder paste, therefore optimizing
the process. The heating and cooling rise rates
must be compatible with the solder paste and
components. A typical profile consists of a
preheat, dryout, reflow and cooling sections.
The most critical parameter in the preheat
section is to minimize the rate of temperature rise
to less than
2°C / second, in order to minimize
thermal
shock
on
the
semi-conductor
components.
Dryout section is used primarily to ensure that
the solder paste is fully dried before hitting reflow
temperatures.
Solder reflow is accomplished in the reflow zone,
where
the
solder
paste
is
elevated
to
a
temperature greater than the melting point of the
solder. Melting temperature must be exceeded by
approximately 20
°C to ensure quality reflow.
In reality the profile is not a line, but rather a range
of temperatures
all solder joints must be
exposed. The total temperature deviation from
component thermal mismatch, oven loading and
oven uniformity must be within the band.
Figure 5-7. Reflow soldering temperature range
Temperature (
°C )
Time ( s )
PREHEAT
DRYOUT
REFLOW
COOLING
240
0
250
200
150
100
50
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87