Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STPC0366BTI3 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części STPC0366BTI3
Szczegółowy opis  PC Compatible Embeded Microprocessor
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0366BTI3 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button STPC0366BTI3 Datasheet HTML 6Page - STMicroelectronics STPC0366BTI3 Datasheet HTML 7Page - STMicroelectronics STPC0366BTI3 Datasheet HTML 8Page - STMicroelectronics STPC0366BTI3 Datasheet HTML 9Page - STMicroelectronics STPC0366BTI3 Datasheet HTML 10Page - STMicroelectronics STPC0366BTI3 Datasheet HTML 11Page - STMicroelectronics STPC0366BTI3 Datasheet HTML 12Page - STMicroelectronics STPC0366BTI3 Datasheet HTML 13Page - STMicroelectronics STPC0366BTI3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
PIN DESCRIPTION
10/51
Issue 1.2
2. PIN DESCRIPTION
2.1 INTRODUCTION
The STPC Consumer integrates most of the func-
tionalities of the PC architecture. As a result, many
of the traditional interconnections between the
host PC microprocessor and the peripheral devic-
es are totally internal to the STPC Consumer. This
offers improved performance due to the tight cou-
pling of the processor core and these peripherals.
As a result many of the external pin connections
are made directly to the on-chip peripheral func-
tions.
Figure 2-1 shows the STPC Consumer’s external
interfaces. It defines the main busses and their
function. Table 2-1 describes the physical imple-
mentation listing signal types and their functional-
ities. Table 2-2 provides a full pin listing and de-
scription. Table 2-3 provides a full listing of the
STPC Consumer pin locations of package by
physical connection. Please refer to the pin alloca-
tion drawing for reference.
Note: Several interface pins are multiplexed with
other functions, refer to the Pin Description sec-
tion for further details
Table 2-1. Signal Description
Group name
Qty
Basic Clocks reset & Xtal(SYS)
12
DRAM Controller
89
PCI interface (PCI)
58
ISA / IDE / IPC combined interface
88
Video Input (VIP)
9
TV Output
10
VGA Monitor interface
10
Grounds
69
VDD
26
Analog specific VCC/VDD
12
Reserved
5
Total Pin Count
388
Figure 2-1. STPC Consumer External Interfaces
SOUTH
NORTH
PCI
x86
DRAM
VGA
VIP
TV
SYS
ISA/IDE
IPC
89
10
9
10
58
13
77
11
STPC Consumer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51