| Zakładka z wyszukiwarką danych komponentów |
|
STPS16150CT Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS16150CT Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 5 page ![]() STPS16150CT/CG/CR 5/5 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics © 2003 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com Ordering type Marking Package Weight Base qty Delivery mode STPS16150CT STPS16150CT TO-220AB 2.2 g 50 Tube STPS16150CG STPS16150CG D 2PAK 1.48 g 50 Tube STPS16150CG-TR STPS16150CG D 2PAK 1.48 g 1000 Tape & reel STPS16150CR STPS16150CR I 2PAK 1.49 g 50 Tube s Epoxy meets UL94, V0 PACKAGE MECHANICAL DATA D 2PAK A C2 D R 2.0 MIN. FLAT ZONE A2 V2 C A1 G L L3 L2 B B2 E REF. DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.30 4.60 0.169 0.181 A1 2.49 2.69 0.098 0.106 A2 0.03 0.23 0.001 0.009 B 0.70 0.93 0.027 0.037 B2 1.25 1.40 0.049 0.055 C 0.45 0.60 0.017 0.024 C2 1.21 1.36 0.047 0.054 D 8.95 9.35 0.352 0.368 E 10.00 10.28 0.393 0.405 G 4.88 5.28 0.192 0.208 L 15.00 15.85 0.590 0.624 L2 1.27 1.40 0.050 0.055 L3 1.40 1.75 0.055 0.069 R 0.40 0.016 V2 0° 8° 0° 8° 8.90 3.70 1.30 5.08 16.90 10.30 FOOT PRINT DIMENSIONS (in millimeters) |