Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST232CN Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części ST232CN
Szczegółowy opis  5 V powered multi-channel RS-232 drivers and receiversr
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST232CN Arkusz danych(HTML) 4 Page - STMicroelectronics

  ST232CN Datasheet HTML 1Page - STMicroelectronics ST232CN Datasheet HTML 2Page - STMicroelectronics ST232CN Datasheet HTML 3Page - STMicroelectronics ST232CN Datasheet HTML 4Page - STMicroelectronics ST232CN Datasheet HTML 5Page - STMicroelectronics ST232CN Datasheet HTML 6Page - STMicroelectronics ST232CN Datasheet HTML 7Page - STMicroelectronics ST232CN Datasheet HTML 8Page - STMicroelectronics ST232CN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Maximum ratings
ST232B - ST232C
4/19
2
Maximum ratings
Note:
1
Absolute maximum ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied.
2
No external supply can be applied to V+ terminal and V- terminal.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.3 to 6
V
TIN
Transmitter input voltage range
-0.3 to (VCC + 0.3)
V
RIN
Receiver input voltage range
± 30
V
TOUT
Transmitter output voltage range
(V+ + 0.3) to (V- - 0.3)
V
ROUT
Receiver output voltage range
-0.3 to (VCC + 0.3)
V
TSCTOUT
Short circuit duration on TOUT
infinite
TSTG
Storage temperature range
-65 to + 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19