Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M95256WMN6P Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części M95256WMN6P
Szczegółowy opis  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256WMN6P Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button M95256WMN6P Datasheet HTML 7Page - STMicroelectronics M95256WMN6P Datasheet HTML 8Page - STMicroelectronics M95256WMN6P Datasheet HTML 9Page - STMicroelectronics M95256WMN6P Datasheet HTML 10Page - STMicroelectronics M95256WMN6P Datasheet HTML 11Page - STMicroelectronics M95256WMN6P Datasheet HTML 12Page - STMicroelectronics M95256WMN6P Datasheet HTML 13Page - STMicroelectronics M95256WMN6P Datasheet HTML 14Page - STMicroelectronics M95256WMN6P Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
M95256, M95256-W, M95256-R
Operating features
11/44
●
deselected (at next power-up, a falling edge is required on Chip Select (S) before any
instruction can be started).
●
not in the Hold condition
●
Status register:
–
the Write Enable Latch (WEL) is reset to 0
–
the Write In Progress (WIP) is reset to 0
–
the SRWD, BP1 and BP0 bits of the Status Register are non-volatile bits and
therefore remain unchanged)
Note:
When VCC passes the power on reset threshold voltage and until it reaches the minimum
VCC operating voltage, the memory must not be selected/accessed.
3.8.4
Power-down
During power-down (continuous decrease in VCC below the minimum VCC operating
voltage), the device must be:
●
deselected (Chip Select (S) should be allowed to follow the voltage applied on VCC)
●
in Standby Power mode (there should not be any internal Write cycle in progress).
4
Operating features
4.1
Hold condition
The Hold (HOLD) signal is used to pause any serial communications with the device without
resetting the clocking sequence.
During the Hold condition, the Serial Data output (Q) is high impedance, and Serial Data
input (D) and Serial Clock (C) are Don’t Care.
To enter the Hold condition, the device must be selected, with Chip Select (S) low.
Normally, the device is kept selected, for the whole duration of the Hold condition.
Deselecting the device while it is in the Hold condition, has the effect of resetting the state of
the device, and this mechanism can be used if it is required to reset any processes that had
been in progress.
The Hold condition starts when the Hold (HOLD) signal is driven low at the same time as
Serial Clock (C) already being low (as shown in Figure 5).
The Hold condition ends when the Hold (HOLD) signal is driven high at the same time as
Serial Clock (C) already being low.
Figure 5 also shows what happens if the rising and falling edges are not timed to coincide
with Serial Clock (C) being low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44