| Zakładka z wyszukiwarką danych komponentów |
|
L5980 Arkusz danych(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L5980 Arkusz danych(HTML) 17 Page - STMicroelectronics |
|
17 / 37 page ![]() Application information L5980 17/37 5.4 Compensation network The compensation network has to assure stability and good dynamic performance. The loop of the L5980 is based on the voltage mode control. The error amplifier is a voltage operational amplifier with high bandwidth. So selecting the compensation network the E/A will be considered as ideal, that is, its bandwidth is much larger than the system one. The transfer functions of PWM modulator and the output LC filter are studied (see). The transfer function of the PWM modulator, from the error amplifier output (COMP pin) to the OUT pin, results: Equation 10 where VS is the sawtooth amplitude. As seen in Chapter 4.1, the voltage feed forward generates a sawtooth amplitude directly proportional to the input voltage, that is: Equation 11 In this way the PWM modulator gain results constant and equals to: Equation 12 The synchronization of the device with an external clock provided trough SYNCH pin can modifies the PWM modulator gain (see Chapter 4.1 to understand how this gain changes and how to keep it constant in spite of the external synchronization). Figure 9. The error amplifier, the PWM modulator and the LC output filter The transfer function on the LC filter is given by: G PW0 V IN V s --------- = V S KV IN ⋅ = G PW0 V IN V s --------- 1 K ---- 9 == = FB COMP V REF E/A PWM V S OUT V CC C OUT ESR L G PW0 G LC FB COMP V REF E/A PWM V S OUT V CC C OUT ESR L G PW0 G LC |