| Zakładka z wyszukiwarką danych komponentów |
|
M95256WMW3P Arkusz danych(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256WMW3P Arkusz danych(HTML) 37 Page - STMicroelectronics |
|
37 / 44 page ![]() M95256, M95256-W, M95256-R Package mechanical data 37/44 Figure 20. SO8 wide – 8 lead plastic small outline, 200 mils body width, package outline 1. Drawing is not to scale. Table 21. SO8 wide – 8 lead plastic small outline, 200 mils body width, package mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Typ Min Max Typ Min Max A 2.5 0.0984 A1 0 0.25 0 0.0098 A2 1.51 2 0.0594 0.0787 b 0.4 0.35 0.51 0.0157 0.0138 0.0201 c 0.2 0.1 0.35 0.0079 0.0039 0.0138 CP 0.1 0.0039 D 6.05 0.2382 E 5.02 6.22 0.1976 0.2449 E1 7.62 8.89 0.3 0.35 e 1.27- -0.05- - k 0° 10° 0° 10° L 0.5 0.8 0.0197 0.0315 N8 8 6L_ME E N CP b e A2 D c L A1 k E1 A 1 |