| Zakładka z wyszukiwarką danych komponentów |
|
M95256WDW3P Arkusz danych(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256WDW3P Arkusz danych(HTML) 36 Page - STMicroelectronics |
|
36 / 44 page ![]() Package mechanical data M95256, M95256-W, M95256-R 36/44 10 Package mechanical data In order to meet environmental requirements, ST offers the M95256 in ECOPACK® packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at www.st.com. Figure 19. SO8N – 8 lead plastic small outline, 150 mils body width, package outline 1. Drawing is not to scale. Table 20. SO8N – 8 lead plastic small outline, 150 mils body width, package data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Typ Min Max Typ Min Max A 1.75 0.0689 A1 0.1 0.25 0.0039 0.0098 A2 1.25 0.0492 b 0.28 0.48 0.011 0.0189 c 0.17 0.23 0.0067 0.0091 ccc 0.1 0.0039 D 4.9 4.8 5 0.1929 0.189 0.1969 E 6 5.8 6.2 0.2362 0.2283 0.2441 E1 3.9 3.8 4 0.1535 0.1496 0.1575 e1.27 - - 0.05 - - h 0.25 0.5 0.0098 0.0197 k 0°8° 0°8° L 0.4 1.27 0.0157 0.05 L1 1.04 0.0409 SO-A E1 8 ccc b e A D c 1 E h x 45˚ A2 k 0.25 mm L L1 A1 GAUGE PLANE |