| Zakładka z wyszukiwarką danych komponentów |
|
M24C64WDW3TP Arkusz danych(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64WDW3TP Arkusz danych(HTML) 23 Page - STMicroelectronics |
|
23 / 39 page ![]() M24128, M24C64, M24C32 DC and AC parameters 23/39 Table 12. Input parameters Symbol Parameter Test condition Min. Max. Unit CIN Input capacitance (SDA) 8 pF CIN Input capacitance (other pins) 6 pF ZWCL (1) 1. Characterized only. WC input impedance VIN < 0.3VCC 50 200 k Ω ZWCH (1) WC input impedance VIN > 0.7VCC 500 k Ω tNS (1) Pulse width ignored (Input filter on SCL and SDA) 200 ns Table 13. DC characteristics (M24xxx-W, device grade 6) Symbol Parameter Test condition (in addition to those in Table 8) Min. Max. Unit ILI Input leakage current (SCL, SDA, E2, E1, E0) VIN = VSS or VCC device in Standby mode ± 2 µA ILO Output leakage current SDA in Hi-Z, external voltage applied on SDA: VSS or VCC ± 2 µA ICC Supply current (Read) 2.5 V < VCC < 5.5 V, fc = 400 kHz 2 mA ICC0 Supply current (Write) During tW, 2.5 V < VCC < 5.5 V 5(1) 1. Characterized value, not tested in production. mA ICC1 Standby supply current VIN = VSS or VCC, VCC = 5.5 V 5µA Standby supply current VIN = VSS or VCC, VCC = 2.5 V 2µA VIL Input low voltage (SDA, SCL, WC) –0.45 0.3VCC V VIH Input high voltage (SDA, SCL, WC) 0.7VCC VCC+0.6 V VOL Output low voltage IOL = 2.1 mA, VCC = 2.5 V or IOL = 3 mA, VCC = 5.5 V 0.4 V |