| Zakładka z wyszukiwarką danych komponentów |
|
VIPER17HD Arkusz danych(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER17HD Arkusz danych(HTML) 9 Page - STMicroelectronics |
|
9 / 33 page ![]() VIPER17 Electrical data 9/33 Table 8. Controller section (continued) (TJ = -25 to 125 °C, VDD = 14 V; unless otherwise specified) Symbol Parameter Test condition Min Typ Max Unit Over current protection (2nd OCP) IDMAX Second over current threshold 0.6 A Over voltage protection VOVP Over voltage protection threshold 2.733.3 V TSTROBE Over voltage protection strobe time 2.2 μs Brown out protection VBRth Brown out threshold Voltage falling 0.41 0.45 0.49 V VBRhyst Voltage hysteresis above VBRth 50 mV IBRhyst Current hysteresis 7 10 μA VBR Operating range 0.15 2 V VDIS Brown out disable voltage 50 150 mV Thermal shutdown TSD Thermal shutdown temperature 150 170 °C THYST Thermal shutdown hysteresis 30 °C |