| Zakładka z wyszukiwarką danych komponentów |
|
MC44BS373CADR2 Arkusz danych(PDF) 41 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC44BS373CADR2 Arkusz danych(HTML) 41 Page - Freescale Semiconductor, Inc |
|
41 / 52 page ![]() MC44BS373CA Data Sheet Packaging Instructions 20 Packaging Instructions Tape and reel packaging is per 12MRH00360A issue Y with the following conditions applicable for dual in-line SOP (SOIC) package and quad flat pack no lead square (QFN). Figure 24. Dual In-line SOP (SOIC) Component orientation: Arrange parts with the pin-1 side closest to the tape’s round sprocket holes on the tape’s trailing edge. Figure 25. Quad Flat Pack No Lead Square Moisture sensitivity levels are as follows: • MC44BS373CAD,R2—Moisture sensitivity level 1, no dry pack required • MC44BS373CAFC,R2 lead free packages—Moisture sensitivity level 3, dry pack required • MC44BS373CAEF,R2 lead free packages—Moisture sensitivity level 3, dry pack required |