| Zakładka z wyszukiwarką danych komponentów |
|
BC394 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BC394 Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 5 page ![]() BC394 EPITAXIAL PLANAR NPN s HIGH VOLTAGE AMPLIFIER DESCRIPTION The BC394 is a silicon Planar Epitaxial NPN transistor in Jedec TO-18 metal case, designed for general purpose high-voltage and video amplifier applications. ® INTERNAL SCHEMATIC DIAGRAM December 2002 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) 180 V VCEO Collector-Emitter Voltage (IB = 0) 180 V VEBO Emitter-Base Voltage (IC = 0) 6 V IC Collector Current 100 mA Ptot Total Dissipation at Tamb ≤ 25 oC at TC ≤ 25 oC 0.4 1.4 W W Tstg Storage Temperature -55 to 175 oC Tj Max. Operating Junction Temperature 175 oC TO-18 1/5 |
Podobny numer części - BC394 |
|
Podobny opis - BC394 |