Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2STW1693 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części 2STW1693
Szczegółowy opis  High power PNP epitaxial planar bipolar transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STW1693 Arkusz danych(HTML) 6 Page - STMicroelectronics

  2STW1693_08 Datasheet HTML 1Page - STMicroelectronics 2STW1693_08 Datasheet HTML 2Page - STMicroelectronics 2STW1693_08 Datasheet HTML 3Page - STMicroelectronics 2STW1693_08 Datasheet HTML 4Page - STMicroelectronics 2STW1693_08 Datasheet HTML 5Page - STMicroelectronics 2STW1693_08 Datasheet HTML 6Page - STMicroelectronics 2STW1693_08 Datasheet HTML 7Page - STMicroelectronics 2STW1693_08 Datasheet HTML 8Page - STMicroelectronics 2STW1693_08 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package mechanical data
2STW1693
6/9
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9