| Zakładka z wyszukiwarką danych komponentów |
|
MPX12DP Arkusz danych(PDF) 5 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPX12DP Arkusz danych(HTML) 5 Page - Freescale Semiconductor, Inc |
|
5 / 14 page ![]() MPX12 Sensors Freescale Semiconductor 5 Pressure Figure 4. Cross-Sectional Diagram (not to scale) Figure 4 illustrates the differential/gauge die. A gel isolates the die surface and wire bonds from the environment, while allowing the pressure signal to be transmitted to the silicon diaphragm. Operating characteristics, internal reliability and qualification tests are based on use of dry clean air as the pressure media. Media other than dry clean air may have adverse effects on sensor performance and long term reliability. Contact the factory for information regarding media compatibility in your application. PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE Freescale designates the two sides of the pressure sensor as the Pressure (P1) side and the Vacuum (P2) side. The Pressure (P1) side is the side containing gel which isolates the die from the environment. The Freescale MPVZ12 series is designed to operate with positive differential pressure applied, P1 > P2. The Pressure (P1) side may be identified by using the following table Gel Die Coat Wire Bond Die P1 Stainless Steel Cap Thermoplastic Case Die Bond Differential Sensing Element P2 Lead Frame Part Number Case Type Pressure (P1) Side Identifier MPXV12GW6U 1735 Side with Port MPXV12GW7U 1560 Side with Port MPX12D 344 Stainless Steel Cap MPX12DP 344C Side with Part Marking MPX12GP 344B Side with Port Attached |