| Zakładka z wyszukiwarką danych komponentów |
|
MD2001FX Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MD2001FX Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() August 2007 Rev 2 1/11 11 MD2001FX High voltage NPN power transistor for standard definition CRT display Features ■ State-of-the-art technology: – Diffused collector “Enhanced generation” ■ Stable performances versus operating temperature variation ■ Low base-drive requirements ■ Tight hFE range at operating collector current ■ Fully insulated power package U.L. compliant Applications ■ Horizontal deflection output for monitor and real flat TV Description The MD2001FX is manufactured using Diffused Collector in Planar Technology adopting new and enhanced high voltage structure. The new MD product series show improved silicon efficiency bringing updated performance to the Horizontal Deflection stage. Figure 1. Internal schematic diagram ISOWATT218FX 1 2 3 Table 1. Device summary Order code Marking Package Packaging MD2001FX MD2001FX ISOWATT218FX Tube www.st.com |
Podobny numer części - MD2001FX |
|
Podobny opis - MD2001FX |