| Zakładka z wyszukiwarką danych komponentów |
|
S2000AF Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
S2000AF Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() August 2007 Rev 2 1/11 11 S2000AF High voltage NPN power transistor for standard definition CRT display Features ■ State-of-the-art technology: – Diffused collector “Enhanced generation” ■ Stable performances versus operating temperature variation ■ Low base-drive requirement ■ Tigh hFE range at operating collector current ■ High ruggedness ■ Fully insulated power package U.L. compliant Applications ■ Horizontal deflection output for CRT TV ■ Switch mode power supplies for CRT TV Description The S2000AF is manufactured using diffused collector in planar technology adopting new and enhanced high voltage structure for updated performance to the horizontal deflection stage. Figure 1. Internal schematic diagram ISOWATT218FX 1 2 3 Table 1. Device summary Order code Marking Package Packaging S2000AF S2000AF ISOWATT218FX Tube www.st.com |
Podobny numer części - S2000AF |
|
Podobny opis - S2000AF |