| Zakładka z wyszukiwarką danych komponentów |
|
M24C64RCS3TG Arkusz danych(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C64RCS3TG Arkusz danych(HTML) 34 Page - STMicroelectronics |
|
34 / 39 page ![]() Part numbering M24128, M24C64, M24C32 34/39 9 Part numbering For a list of available options (speed, package, etc.) or for further information on any aspect of this device, please contact your nearest ST sales office. Table 24. Ordering information scheme Example: M24C32– W MN 6 T P /P Device type M24 = I2C serial access EEPROM Device function 128–B = 128 Kbit (16384 x 8) C64– = 64 Kbit (8192 x 8) C32– = 32 Kbit (4096 x 8) Operating voltage W = VCC = 2.5 V to 5.5 V R = VCC = 1.8 V to 5.5 V F = VCC = 1.7 V to 5.5 V Package BN = PDIP8 MN = SO8 (150 mil width) DW = TSSOP8 (169 mil width) MB = UFDFPN8 (MLP8) CS = WLCSP Device grade 6 = Industrial: device tested with standard test flow over –40 to 85 °C 3 = Automotive: device tested with high reliability certified flow(1) over –40 to 125°C. 1. ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment. The high reliability certified flow (HRCF) is described in the quality note QNEE9801. Please ask your nearest ST sales office for a copy. 5 = Consumer: device tested with standard test flow over –20 to 85°C Option blank = standard packing T = Tape and reel packing Plating technology P or G = ECOPACK® (RoHS compliant) Process(2) 2. Used only for device grade 3 and WLCSP packages. P = F6DP26% Chartered A = F8L Rousset (only for the WLCSP package) |