| Zakładka z wyszukiwarką danych komponentów |
|
2SC461BTZ Arkusz danych(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
2SC461BTZ Arkusz danych(HTML) 5 Page - Renesas Technology Corp |
|
5 / 9 page ![]() 2SC460, 2SC461 Rev.2.00 Aug 10, 2005 page 5 of 8 10 20 200 100 50 500 0.5 0.2 0.1 Collector Current IC (mA) Transfer Admittance vs. Collector Current 2 1.0 5 VCE = 6 V f = 455 kHz bre bre bfe bfe gfe gfe 10 20 200 100 50 500 5 2 1 Collector to Emitter Voltage VCE (V) Input/Output Admittance vs. Collector to Emitter Voltage 20 10 50 IC = 1 mA f = 4.5 MHz gie gie goe goe boe boe bie bie 10 20 200 100 50 500 0.5 0.2 0.1 Collector Current IC (mA) Input/Output Admittance vs. Collector Current 2 1.0 5 VCE = 6 V f = 4.5 MHz gie gie bie bie goe goe boe boe 10 20 200 100 50 500 5 2 1 Collector to Emitter Voltage VCE (V) Transfer Admittance vs. Collector to Emitter Voltage 20 10 50 IC = 1 mA f = 4.5 MHz bre bfe gfe bre bfe gfe 10 20 200 100 50 500 0.5 0.2 0.1 Collector Current IC (mA) Transfer Admittance vs. Collector Current 2 1.0 5 VCE = 6 V f = 4.5 MHz bfe bfe gfe gfe bre bre 10 20 200 100 50 500 5 2 1 Collector to Emitter Voltage VCE (V) Input/Output Admittance vs. Collector to Emitter Voltage 20 10 50 IC = 1 mA f = 10.7 MHz boe boe bie bie gie gie goe goe |