| Zakładka z wyszukiwarką danych komponentów |
|
HD74LS138 Arkusz danych(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS138 Arkusz danych(HTML) 1 Page - Renesas Technology Corp |
|
1 / 8 page ![]() Rev.3.00, Jul.13.2005, page 1 of 7 HD74LS138 3-Line-to-8-Line Decoders / Demultiplexers REJ03D0434–0300 Rev.3.00 Jul.13.2005 The HD74LS138 decodes one-of-eight line dependent on the conditions at the three binaly select inputs and the three enable inputs. Two active-low and one active-high enable inputs reduce the need for external gates or inverters when expanding. A 24-line decoder can be implemented without external inverters and a 32-line decoder requires only one inverter. An enable input can be used as a data input for demultiplexing applications. Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS138P DILP-16 pin PRDP0016AE-B (DP-16FV) P - HD74LS138FPEL SOP-16 pin (JEITA) PRSP0016DH-B (FP-16DAV) FP EL (2,000 pcs/reel) HD74LS138RPEL SOP-16 pin (JEDEC) PRSP0016DG-A (FP-16DNV) RP EL (2,500 pcs/reel) Note: Please consult the sales office for the above package availability. Pin Arrangement (Top view) VCC GND 15 16 1 2 3 4 5 6 7 14 8 9 10 11 12 13 A B Y7 Y6 G1 G2A C Y0 Y5 Y4 Y2 Y1 A B C G2A G2B G1 Y7 Y6 Y5 Y4 Y3 Y2 Y1 Y0 G2B Y3 Outputs Select Inputs Outputs Enable Inputs |
Podobny numer części - HD74LS138 |
|
Podobny opis - HD74LS138 |