Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PAM2306EN2YPCC Arkusz danych(PDF) 14 Page - Power Analog Micoelectronics

Numer części PAM2306EN2YPCC
Szczegółowy opis  Dual High-Efficiency PWM Step-Down DC-DC Coverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PAM [Power Analog Micoelectronics]
Strona internetowa  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306EN2YPCC Arkusz danych(HTML) 14 Page - Power Analog Micoelectronics

Back Button PAM2306EN2YPCC Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306EN2YPCC Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306EN2YPCC Datasheet HTML 9Page - Power Analog Micoelectronics PAM2306EN2YPCC Datasheet HTML 10Page - Power Analog Micoelectronics PAM2306EN2YPCC Datasheet HTML 11Page - Power Analog Micoelectronics PAM2306EN2YPCC Datasheet HTML 12Page - Power Analog Micoelectronics PAM2306EN2YPCC Datasheet HTML 13Page - Power Analog Micoelectronics PAM2306EN2YPCC Datasheet HTML 14Page - Power Analog Micoelectronics PAM2306EN2YPCC Datasheet HTML 15Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
PAM2306
Dual High-Efficiency PWM Step-Down DC-DC Coverter
14
,
Power Analog Microelectronics Inc
www.poweranalog.com
07/2008 Rev 1.0
PAM2306XXXv v
12
Output Voltage 1
Number of Pins
Package Type
Pin Configuration
Output Voltage
Pin Configuration
Package Type
Number of Pins
v1
v2
AType
1. VIN2
2. LX2
3. GND
4. FB1
5. NC1
6. EN1
7. VIN1
8. LX1
9. GND
10. FB2
11: NC2
12 :EN2
Y: WDFN 3x3
P: 12
K: 3.3V
H: 2.8V
G: 2.5V
E: 1.8V
C: 1.5V
B: 1.2V
A: Adj
K: 3.3V
H: 2.8V
G: 2.5V
E: 1.8V
C: 1.5V
B: 1.2V
A: Adj
Ordering Information
Part Number
Marking
Package Type
Standard Package
PAM2306AYPv1v2
2306v1v2
XXXYW
WDFN3x3-12
3,000 Units/Tape&Reel
Output Voltage 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com