| Zakładka z wyszukiwarką danych komponentów |
|
HD74LS190 Arkusz danych(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS190 Arkusz danych(HTML) 1 Page - Renesas Technology Corp |
|
1 / 11 page ![]() Rev.3.00, Jul.15.2005, page 1 of 10 HD74LS190 Synchronous Up / Down Decade Counter (signal clock line) REJ03D0452–0200 Rev.2.00 Jul.15.2005 Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs change coincident with each other when so instructed by the steering logic. This mode of operation eliminates the output counting spikes normally associated with asynchronous (ripple clock) counters. The outputs of the four master-slave flip-flops are triggered on a low-to-high-level transition of the clock input if the enable input is low. A high at the enable input inhibits counting. Level changes at the enable input should be made only when the clock input is high. The direction of the count is determined by the level of the down / up input. When low, the counter counts up and when high, it counts down. Level changes at the down / up input should be made only when the clock input is high. This counter is fully programmable; that is, the outputs may be preset to either level by placing a low on the load input and entering the desired data at the data inputs. The output will change to agree with the data inputs independently of the level of the clock input. This feature allows the counters to be used as modulo-N dividers by simply modifying the count length with the preset inputs. The clock, down / up, and load inputs are buffered to lower the drive requirement which significantly reduces the number of clock drivers, etc., required for long parallel words. Two outputs have been made available to perform the cascading function: ripple clock and maximum / minimum count. The latter output produces a high-level output pulse with a duration approximately equal to one complete cycles to the clock when the counter overflows or underflows. The ripple clock output produces a low-level output pulse equal in width to the low-level portion of the clock input when an overflow or underflow conditions exists. The counters can be easily cascaded by feeding the ripple clock output to the enable input of the succeeding counter if parallel clocking is used, or to the clock input if parallel enabling is used. The maximum / minimum count output can be used to accomplish look-ahead for high-speed operation. Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS190P DILP-16 pin PRDP0016AE-B (DP-16FV) P — HD74LS190FPEL SOP-16 pin (JEITA) PRSP0016DH-B (FP-16DAV) FP EL (2,000 pcs/reel) Notes: Please consult the sales office for the above package availability. |
Podobny numer części - HD74LS190 |
|
Podobny opis - HD74LS190 |