Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STS3DNE60L Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STS3DNE60L
Szczegółowy opis  N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DNE60L Arkusz danych(HTML) 1 Page - STMicroelectronics

  STS3DNE60L Datasheet HTML 1Page - STMicroelectronics STS3DNE60L Datasheet HTML 2Page - STMicroelectronics STS3DNE60L Datasheet HTML 3Page - STMicroelectronics STS3DNE60L Datasheet HTML 4Page - STMicroelectronics STS3DNE60L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STS3DNE60L
N - CHANNEL 60V - 0.065
Ω - 3A SO-8
STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.065
Ω
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
"
Single
Feature
Size
™ " strip-based process. The resulting
transistor shows extremely high packing density
for
low
on-resistance,
rugged
avalanche
characteristics and less critical alignment steps
therefore
a
remarkable
manufacturing
reproducibility.
APPLICATIONS
s
DC MOTOR DRIVE
s
DC-DC CONVERTERS
s
BATTERY MANAGMENT IN NOMADIC
EQUIPMENT
s
POWER MANAGEMENT IN
PORTABLE/DESKTOP PCs
®
INTERNAL SCHEMATIC DIAGRAM
May 1999
SO-8
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
60
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc = 25
oC
Single Operation
Drain Current (continuous) at Tc = 100
oC
Single Operation
3
1.9
A
A
IDM(
•)
Drain Current (pulsed)
12
A
Ptot
Total Dissipation at Tc = 25
oC Dual Operation
Total Dissipation at Tc = 25
oC Sinlge Operation
2
1.6
W
W
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STS3DNE60L
60 V
< 0.08
Ω
3 A
1/5


Podobny numer części - STS3DNE60L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
STS3DNE60L VBSEMI-STS3DNE60L Datasheet
990Kb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Podobny opis - STS3DNE60L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
Aug-1998
STS2DNE60 STMICROELECTRONICS-STS2DNE60 Datasheet
70Kb / 5P
N - CHANNEL 60V - 0.180ohm - 2A SO-8 STripFET POWER MOSFET
Oct-1999
STS2DNF30L STMICROELECTRONICS-STS2DNF30L Datasheet
268Kb / 8P
Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
Feb-2002
STS3DPF20V STMICROELECTRONICS-STS3DPF20V Datasheet
259Kb / 8P
DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET™ POWER MOSFET
Jun-2002
STS4DNF60L STMICROELECTRONICS-STS4DNF60L Datasheet
71Kb / 5P
N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
Dec-1998
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
Dec-1998
STS7NF60L STMICROELECTRONICS-STS7NF60L Datasheet
282Kb / 8P
N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET??II POWER MOSFET
Apr-2002
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
16-Sep-2004
STS2DNF30L STMICROELECTRONICS-STS2DNF30L_07 Datasheet
295Kb / 12P
Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET™ Power MOSFET
31-Jan-2007
STS2DNF30L_0705 STMICROELECTRONICS-STS2DNF30L_0705 Datasheet
296Kb / 12P
Dual N-channel 30V - 0.09Ω - 3A SO-8 STripFET™Power MOSFET
03-May-2007
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com