| Zakładka z wyszukiwarką danych komponentów |
|
32C83 Arkusz danych(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32C83 Arkusz danych(HTML) 39 Page - Renesas Technology Corp |
|
39 / 94 page ![]() Page 39 1 9 f o 6 0 0 2 , 1 3 . n a J 1 4 . 1 . v e R 1 4 1 0 - 3 1 0 0 B 3 0 J E R ) T 3 8 / C 2 3 M , 3 8 / C 2 3 M ( p u o r G 3 8 / C 2 3 M Address Register Symbol Value after RESET 038016 XX16 A/D0 Register 0 AD00 038116 XX16 038216 XX16 A/D0 Register 1 AD01 038316 XX16 038416 XX16 A/D0 Register 2 AD02 038516 XX16 038616 XX16 A/D0 Register 3 AD03 038716 XX16 038816 XX16 A/D0 Register 4 AD04 038916 XX16 038A16 XX16 A/D0 Register 5 AD05 038B16 XX16 038C16 XX16 A/D0 Register 6 AD06 038D16 XX16 038E16 XX16 A/D0 Register 7 AD07 038F16 XX16 039016 039116 039216 039316 039416 A/D0 Control Register 2 AD0CON2 X000 00002 039516 039616 A/D0 Control Register 0 AD0CON0 0016 039716 A/D0 Control Register 1 AD0CON1 0016 039816 D/A Register 0 DA0 XX16 039916 039A16 D/A Register 1 DA1 XX16 039B16 039C16 D/A Control Register DACON XXXX XX002 039D16 039E16 039F16 X: Indeterminate Blank spaces are reserved. No access is allowed. |