| Zakładka z wyszukiwarką danych komponentów |
|
M306V2EEFS Arkusz danych(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS Arkusz danych(HTML) 15 Page - Renesas Technology Corp |
|
15 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 15 of 269 M306V2ME-XXXFP, M306V2EEFP 2.2 Central Processing Unit (CPU) The CPU has a total of 13 registers shown in Figure 2.2.1. Seven of these registers (R0, R1, R2, R3, A0, A1, and FB) come in two sets; therefore, these have two register banks. Figure 2.2.1 Central processing unit register H L b15 b8 b7 b0 R0(Note) H L b15 b8 b7 b0 R1(Note) R2(Note) b15 b0 R3(Note) b15 b0 A0(Note) b15 b0 A1(Note) b15 b0 FB(Note) b15 b0 Data registers Address registers Frame base registers b15 b0 b15 b0 b15 b0 b15 b0 b0 b19 b0 b19 HL Program counter Interrupt table register User stack pointer Interrupt stack pointer Static base register Flag register PC INTB USP ISP SB FLG Note: These registers consist of two register banks. C D Z S B O I U IPL |