| Zakładka z wyszukiwarką danych komponentów |
|
38K2 Arkusz danych(PDF) 59 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38K2 Arkusz danych(HTML) 59 Page - Renesas Technology Corp |
|
59 / 151 page ![]() 38K2 Group Rev.3.00 Oct 15, 2006 page 59 of 147 REJ03B0193-0300 USB Down-port Peripheral Circuit Setting The USB down-port peripheral circuits can be set with the down- stream port control register (address 0FF916). Figures 89 and 90 show the circuit block diagrams. Fig. 90 Block diagram of USB down-port peripheral circuits (D2+, D2-) Fig. 89 Block diagram of USB down-port peripheral circuits (D1+, D1-) + - HUB Module D1+ D1- 27 Ω PCON11 Low Speed PCON11 PCON10 PCON11 PCON10 PCON11 PCON10 PCON11 PCON10 Full Speed PCON11 PCON10 Low Speed PCON11 PCON10 Full Speed 27 Ω 15 k Ω 15 k Ω + - D2+ D2- PCON21 Low Speed PCON21 PCON20 PCON21 PCON20 PCON21 PCON20 PCON21 PCON20 Full Speed PCON21 PCON20 Low Speed PCON21 PCON20 Full Speed HUB Module 27 Ω 27 Ω 15 k Ω 15 k Ω |