| Zakładka z wyszukiwarką danych komponentów |
|
HD404334FS Arkusz danych(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404334FS Arkusz danych(HTML) 7 Page - Renesas Technology Corp |
|
7 / 80 page ![]() HD404339 Series 5 Pin Number Item Symbol DP-64S FP-64B I/O Function A/D converter AV CC 32 26 Power supply for the A/D converter. Connect this pin as close as possible to the V CC pin and at the same voltage as V CC. If the power supply voltage to be used for the A/D converter is not equal to V CC, connect a 0.1-µF bypass capacitor between the AV CC and AV SS pins. (However, this is not necessary when the AV CC pin is directly connected to the V CC pin.) AV SS 19 13 Ground for the A/D converter. Connect this pin as close as possible to GND at the same voltage as GND. AN 0–AN 11 20–31 14–25 I Analog input pins for the A/D converter |