| Zakładka z wyszukiwarką danych komponentów |
|
4513 Arkusz danych(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 Arkusz danych(HTML) 20 Page - Renesas Technology Corp |
|
20 / 97 page ![]() 19 4513/4514 Group SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS DATA MEMORY (RAM) 1 word of RAM is composed of 4 bits, but 1-bit manipulation (with the SB j, RB j, and SZB j instructions) is enabled for the entire memory area. A RAM address is specified by a data pointer. The data pointer consists of registers Z, X, and Y. Set a value to the data pointer certainly when executing an instruction to access RAM. Table 2 shows the RAM size. Figure 12 shows the RAM map. Fig. 12 RAM map Table 2 RAM size Product M34513M2 M34513M4/E4 M34513M6 M34513M8/E8 M34514M6 M34514M8/E8 RAM size 128 words ✕ 4 bits (512 bits) 256 words ✕ 4 bits (1024 bits) 384 words ✕ 4 bits (1536 bits) 384 words ✕ 4 bits (1536 bits) 384 words ✕ 4 bits (1536 bits) 384 words ✕ 4 bits (1536 bits) M34513M6 M34513M8/E8 M34514M6 M34514M8/E8 M34513M4/E4 M34513M2 Z=0, X=0 to 15 Z=0, X=0 to 7 Z=0, X=0 to 15 Z=1, X=0 to 7 Register Z Register X 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 0 01 7 1 RAM 384 words ✕ 4 bits (1536 bits) 23 6 0 15 384 words 256 words 128 words 45 17 23 6 45 |