| Zakładka z wyszukiwarką danych komponentów |
|
M38B74F7 Arkusz danych(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38B74F7 Arkusz danych(HTML) 39 Page - Renesas Technology Corp |
|
39 / 110 page ![]() 38B7 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 38 (2) Asynchronous serial I/O (UART) mode The asynchronous serial I/O (UART) mode can be selected by clearing the serial I/O2 mode selection bit (b6) of the serial I/O2 control register (address 001D16) to “0”. Eight serial data transfer formats can be selected and the transfer formats used by the transmitter and receiver must be identical. The transmit and receive shift registers each have a buffer (the two buffers have the same address in memory). Since the shift register cannot be written to or read from directly, transmit data is written to the transmit buffer, and receive data is read from the re- ceive buffer. The transmit buffer can also hold the next data to be transmitted, and the receive buffer can receive 2-byte data con- tinuously. Fig. 39 Operation of UART serial I/O2 function Fig. 38 Block diagram of UART serial I/O2 OE PE FE 1/16 1/16 Transmit buffer register Clock control circuit P66/SCLK21 P64/RXD P65/TXD P67/SRDY2/SCLK22 “0” “1” 1/4 “0” “1” XIN 1/2 XCIN “1” Data bus Receive buffer register Address 001F16 Receive shift register Receive buffer full flag (RBF) Receive interrupt request (RI) Baud rate generator Division ratio 1/(n+1) Address 003716 ST/SP/PA generator Data bus Transmit shift register Address 001F16 Transmit shift register shift completion flag (TSC) Transmit buffer empty flag (TBE) Transmit interrupt request (TI) Address 001E16 ST detector UART control register Address 003816 Character length selection bit Address 001D16 BRG count source selection bit Transmit interrupt source selection bit Serial I/O2 synchronous clock selection bit Character length selection bit 7 bit 8 bit Serial I/O2 control register Serial I/O2 status register SP detector Serial I/O2 clock I/O pin selection bit Internal system clock selection bit BRG clock switch bit TSC=0 TBE=1 RBF=0 TBE=0 TBE=0 RBF=1 RBF=1 ST D0 D1 SP D0 D1 ST SP TBE=1 TSC=1* ST D0 D1 SP D0 D1 ST SP Transmit or receive clock * Generated at 2nd bit in 2-stop bit mode 1 start bit 7 or 8 data bit 1 or 0 parity bit 1 or 2 stop bit Serial I/O2 input RXD Write-in signal to transmit buffer register Serial I/O2 output TXD Read-out signal from receive buffer register |