| Zakładka z wyszukiwarką danych komponentów |
|
STV0299B Arkusz danych(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV0299B Arkusz danych(HTML) 28 Page - STMicroelectronics |
|
28 / 36 page ![]() STV0299B 5REGISTER LIST (continued) 28/36 ERROR CONTROL REGISTER (refer to Section 4.6.4 on page 16) ERRCNT 34 01 7 Error Mode 1: Error count 0: Error rate 6 This bit must be programmed to zero. [5:4] Error Source The error sources are as follows: 00: QPSK bit errors 01: Viterbi bit errors 10: Viterbi byte errors 11: Packet errors. [3:2] These bits must be programmed to zero. [1:0] NOE The NOE bits represent the Count Period in bytes (NB): 00: 212 bytes 01: 214 bytes 10: 216 bytes 11: 218 bytes Name HEX Address Reset Value Bit Position Signal Description |