| Zakładka z wyszukiwarką danych komponentów |
|
HD74HC93P Arkusz danych(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74HC93P Arkusz danych(HTML) 2 Page - Renesas Technology Corp |
|
2 / 8 page ![]() HD74HC93 Rev.2.00, Oct 06, 2005 page 2 of 7 BCD Count Sequence Outputs Count QD QC QB QA 0 L L L L 1 L L L H 2 L L H L 3 L L H H 4 L H L L 5 L H L H 6 L H H L 7 L H H H 8 H L L L 9 H L L H 10 H L H L 11 H L H H 12 H H L L 13 H H L H 14 H H H L 15 H H H H Note: Output QA is connected to input B for BCD count. H : High level L : Low level X : Irrelevant Pin Arrangement 1 QC R0(1) R0(2) QA QD QB (Top View) 2 BA 3 4 5 6 7 B R0(1) R0(2) NC Vcc NC NC A NC QA QD GND QB QC 14 13 12 11 10 9 8 |