| Zakładka z wyszukiwarką danych komponentów |
|
STV5347D Arkusz danych(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5347D Arkusz danych(HTML) 19 Page - STMicroelectronics |
|
19 / 22 page ![]() I/O PIN ELECTRICAL SCHEMATICS 1 CVBS 250 Ω V DDA V SSA Figure 9 : Analog 1 (CVBS) 28 CBLK 250 Ω V DDA V SSA Figure 10 : Analog 2 (CBLK) 450 Ω V DDA V SSA Pins 2, 27 MA/SL, TEST Figure 11 : Input A 450 Ω V DDD V SSD Pins 4, 6 POL, FFB Figure 12 : Input D 11 V DDD V SSD RGB REF 450 Ω Pins 8, 9, 10 R, G, B Figure 13 : PRGB 23 24 XTO 450 Ω 450 Ω V DDD V SSD XTI Figure 14 : PXTAL 450 Ω V DDD V SSD Pins 5, 12, 13, 14, 15, 18, 19, 20, 21 STTV/LFB, BLAN, COR, ODD/EVEN, Y, L23, DV, RESERVED, VCR/TV Figure 15 : INOUT STV5347 - STV5347/H - STV5347/T 19/22 |