| Zakładka z wyszukiwarką danych komponentów |
|
STV5730A Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5730A Arkusz danych(HTML) 8 Page - STMicroelectronics |
|
8 / 20 page ![]() FUNCTIONAL DESCRIPTION (continued) 1.3 - Row Attributes There are 11 row attributes, numbered from 0 to 10. They may be written one by one or sequentially. The row attribute format is as follows : 11 876 5 0 HPOS OFFS ET RE FBE VPOS OFFS ET VPOS OFFSET : the MSB is the sign bit (0 : positive, 1 : negative). If the offset is positive (from 0 to +17), then the corresponding number of lines are added on top of the row (i.e. it moves downwards). These extra lines are colored according to the character background rules. If the offset is negative (from -1 to -17), then the corresponding number of lines are subtracted from the display of the row. FBE : FBE=0 : the characters are displayed without border FBE=1 : the characters are displayed with border RE : RE=0 : RE=1 : the characters of the row are not displayed. They are replaced by the page background color. the characters of the row are displayed. HPOS OFFSET : The display of the row is shifted to the right by the corresponding number of pixels (from 0 to 15). 1.4 - The Control Registers There are 5 registers for microprocessor control. They can be written individually or sequentially : - the ZOOM register address : 12 - the COLOR register 13 - the CONTROL register 14 - the POSITION register 15 - the MODE register 16 1.4.1 - Zoom Register 11 10 9876 543210 VZb1 VZb0 HZb1 HZb0 VZm1 VZm0 HZm1 HZm0 VZt1 VZt0 HZt1 HZt0 HZt[1:0] : Top row horizontal zoom factor (ie row 0) HZt[1:0] = 00 01 10 11 : : : : 1 pixel per character dot 2 pixels per character dot 3 pixels per character dot 4 pixels per character dot VZt[1:0] : Top row vertical zoom factor VZt[1:0] = 00 01 10 11 : : : : 1 pixel per character line 2 pixels per character line 3 pixels per character line 4 pixels per character line HZm[1:0] : Same as HZt[1:0], for middle rows (ie rows 1 to 9) VZm[1:0] : Same as VZt[1:0], for middle rows HZb[1:0] : Same as HZt[1:0], for bottom row (ie row 10) VZb[1:0] : Same as VZt[1:0], for bottom row The output of this register is synchronized by the horizontal synchronism. The RESET message clears this register. STV5730A 8/20 |