Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STV7778S Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części STV7778S
Szczegółowy opis  DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7778S Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button STV7778S Datasheet HTML 3Page - STMicroelectronics STV7778S Datasheet HTML 4Page - STMicroelectronics STV7778S Datasheet HTML 5Page - STMicroelectronics STV7778S Datasheet HTML 6Page - STMicroelectronics STV7778S Datasheet HTML 7Page - STMicroelectronics STV7778S Datasheet HTML 8Page - STMicroelectronics STV7778S Datasheet HTML 9Page - STMicroelectronics STV7778S Datasheet HTML 10Page - STMicroelectronics STV7778S Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
VERTICAL SECTION
Operating Conditions
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSVR
Vertical Sync Input Voltage
On Pin 34
0
5.5
V
Electrical Characteristics (VCC = 12V, Tamb = 25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IBIASP
Pin 23-28-29 Bias Current (Current sourced
by PNP base)
For V23-28-29 = 2V
2
µA
IBIASN
Pin 31 Bias Current (Current sunk by NPN
base)
For V31 = 6V
0.5
µA
VSth
Vertical Sync Input Threshold Voltage
Pin 34;
High-level
Low-level
2
0.8
V
V
VSBI
Vertical Sync Input Bias Current
(Current Sourced by PNP Base)
V34 = 0.8V
1
µA
VRB
Voltage at Ramp Bottom Point
On Pin 27
2/8
VREF-V
VRT
Voltage at Ramp Top Point (with Sync)
On Pin 27
5/8
VREF-V
VRTF
Voltage at Ramp Top Point (without Sync)
On Pin 27
VRT-0.1
V
IR27
Output Current Range on Pin 27 during Ramp
Charging Time. Current to Charge Capacitor
between Pin 27 and Ground
V28 = 2V (Note 2),
2V < V27 < 5V
Min current
Max current
100
15
135
20
µA
µA
VSW
Minimum Vertical Sync Pulse Width
Pin 34
5
µS
VSmDut
Vertical Sync Input Maximum Duty-cycle
Pin 34
15
%
VSTD
Vertical Sawtooth Discharge Time Duration
On Pin 27, with 150nF cap
85
µS
VFRF
Vertical Free Running Frequency (V28 = 2V)
Measured on Pin 27,
Cosc (Pin27) = 150nF
100
Hz
ASFR
AUTO-SYNC Frequency (see Note 3)
With C27 = 150nF
±5%
50
120
Hz
RATD
Ramp Amplitude Thermal Drift
On Pin 30 (see Note 1),
(0°C < Tamb < 70°C)
100
ppm/°C
RAFD
Ramp Amplitude Drift Versus Frequency
V31 = 6V, C27 = 150nF,
50Hz < F < 120Hz
200
ppm/Hz
Rlin
Ramp Linearity on Pin 27
∆I27/I27
V28 = 2V, V25 = X = 4.3V,
2.5V < V27 < 4.5V
0.5
%
Rload
Minimum Load on Pin 25 for less than 1%
Vertical Amplitude Drift
50
M
Vpos
Vertical Position Adjustment Voltage on
Pin 32
V33 = 2V
V33 = 4V
V33 = 6V
3.65
3.2
3.5
3.8
3.3
V
V
V
IVPOS
Max Current on Vertical Position Control
Output (Pin 32)
±2mA
Vor
Vertical Output Voltage (on Pin 30)
(Peak to Peak Voltage on Pin 30)
V31 = 2V
V31 = 4V
V31 = 6V
3.75
2
3
4
2.2
V
V
V
VOUTDC
DC Voltage on Vertical Output (Pin30)
See Note 4
7/16
VREF-V
V0I
Vertical Output Maximum Output Current
On Pin 30
±5mA
dVS
Max Vertical S-Correction Amplitude
(V28 = 2V Inhibits S-CORR; V28 = 6V gives
Maximum S-CORR) (see Figure 3)
∆V/V30pp at T/4
∆V/V30pp at 3T/4
-4
+4
%
%
Ccorr
C-Correction Adjustment Range Voltage on
Pin 27 for Maximum Slope on the Ramp
(with S-Correction) (see Figure 4)
V29 = 2V
V29 = 4V
V29 = 6V
3
3.5
4
V
V
V
Notes : 1. These parameters are not tested on each unit. They are measured during our internal qualification procedure which includes
characterization on batches comming from corners of our processes and also temperature characterization.
2. When 2V are applied on Pin 28 (Vertical S-Correction control), then the S-Correction is inhibited, consequently the sawtooth have
a linear shape.
3. It is the frequency range for which the VERTICAL OSCILLATOR will automatically synchronize, using a single capacitor value on
Pin 27 and with a constant ramp amplitude.
4. Typically 3.5V for Vertical reference voltage typical value (8V).
STV7778S
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com