| Zakładka z wyszukiwarką danych komponentów |
|
STV9303 Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV9303 Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 6 page ![]() Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. © 1994 SGS-THOMSON Microelectronics - All Rights Reserved Purchase of I 2C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips I 2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to the I 2C Standard Specifications as defined by Philips. SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 7.1 0.280 a1 2.7 3 0.106 0.118 B 24.8 0.976 b1 0.5 0.020 b3 0.85 1.6 0.033 0.063 C 3.3 0.130 c1 0.43 0.017 c2 1.32 0.052 D 23.7 0.933 d1 14.5 0.571 e 2.54 0.100 e3 22.86 0.900 L 3.1 0.122 L1 3 0.118 L2 17.6 0.693 L3 0.25 0.010 M 3.2 0.126 N 1 0.039 B e3 D b1 C b3 N e c2 c1 1 10 M PACKAGE MECHANICAL DATA 10 PINS - PLASTIC SIP STV9303 6/6 |