Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HA12228F Arkusz danych(PDF) 5 Page - Renesas Technology Corp

Numer części HA12228F
Szczegółowy opis  Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12228F Arkusz danych(HTML) 5 Page - Renesas Technology Corp

  HA12228F Datasheet HTML 1Page - Renesas Technology Corp HA12228F Datasheet HTML 2Page - Renesas Technology Corp HA12228F Datasheet HTML 3Page - Renesas Technology Corp HA12228F Datasheet HTML 4Page - Renesas Technology Corp HA12228F Datasheet HTML 5Page - Renesas Technology Corp HA12228F Datasheet HTML 6Page - Renesas Technology Corp HA12228F Datasheet HTML 7Page - Renesas Technology Corp HA12228F Datasheet HTML 8Page - Renesas Technology Corp HA12228F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
HA12228F/HA12229F
Rev.2.00 Jun 15, 2005 page 5 of 48
Pin Description, Equivalent Circuit (cont.)
(VCC = 9 V single supply, Ta = 25
°C, No Signal, The value in the table shows typical value.)
Pin No.
Terminal Name
Note
Equivalent Circuit
Description
32
VREF1
38
VREF2
28
VREF3
3
VREF4
V = VCC/2
VCC
GND
V
HA12228F
32
38
RAL
3
RAL
28
RAL*1
Reference output
VCC
GND
The same as
the above.
V
V
HA12229F
32
38
RAL
3
RAL
28
RAL
*1
15
VCC
VCC pin
36
GND
GND pin
7
9
22
24
34
NC
Note:
1. RAL: Parasitic metal resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com