| Zakładka z wyszukiwarką danych komponentów |
|
H8SX/1663R Arkusz danych(PDF) 644 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663R Arkusz danych(HTML) 644 Page - Renesas Technology Corp |
|
644 / 1504 page ![]() Section 13 I/O Ports Rev. 2.00 Sep. 24, 2008 Page 612 of 1468 REJ09B0412-0200 (6) P12/SCK2/ DACK0-A/IRQ2-A/EDACK0-A The pin function is switched as shown below according to the combination of the EXDMAC, DMAC and SCI register settings and P12DDR bit setting. Setting EXDMAC DMAC SCI I/O Port Module Name Pin Function EDACK0A_OE DACK0A_OE SCK2_OE P12DDR EXDMAC EDACK0-A output 1 DMAC DACK0-A output 0 1 SCI SCK2 output 0 0 1 I/O port P12 output 0 0 0 1 P12 input (initial value) 0 0 0 0 (7) P11/RxD2/ TEND0-A/IRQ1-A/ETEND0-A The pin function is switched as shown below according to the combination of the EXDMAC and DMAC register settings and P11DDR bit setting. Setting EXDMAC DMAC I/O Port Module Name Pin Function ETEND0A_OE TEND0A_OE P11DDR EXDMAC ETEND0-A output 1 DMAC TEND0-A output 0 1 I/O port P11 output 0 0 1 P11 input (initial value) 0 0 0 |