| Zakładka z wyszukiwarką danych komponentów |
|
H8SX/1664M Arkusz danych(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1664M Arkusz danych(HTML) 21 Page - Renesas Technology Corp |
|
21 / 1504 page ![]() Rev. 2.00 Sep. 24, 2008 Page xxi of xxxii 14.10.6 Conflict between TGR Write and Compare Match........................................... 769 14.10.7 Conflict between Buffer Register Write and Compare Match .......................... 770 14.10.8 Conflict between TGR Read and Input Capture ............................................... 770 14.10.9 Conflict between TGR Write and Input Capture .............................................. 771 14.10.10 Conflict between Buffer Register Write and Input Capture.............................. 772 14.10.11 Conflict between Overflow/Underflow and Counter Clearing ......................... 773 14.10.12 Conflict between TCNT Write and Overflow/Underflow ................................ 773 14.10.13 Multiplexing of I/O Pins ................................................................................... 774 14.10.14 PPG1 Setting when TPU1 Pin is Used.............................................................. 774 14.10.15 Interrupts in the Module Stop State .................................................................. 774 Section 15 Programmable Pulse Generator (PPG) ............................................775 15.1 Features............................................................................................................................. 775 15.2 Input/Output Pins.............................................................................................................. 778 15.3 Register Descriptions ........................................................................................................ 780 15.3.1 Next Data Enable Registers H, L (NDERH, NDERL) ..................................... 781 15.3.2 Output Data Registers H, L (PODRH, PODRL)............................................... 784 15.3.3 Next Data Registers H, L (NDRH, NDRL) ...................................................... 786 15.3.4 PPG Output Control Register (PCR) ................................................................ 791 15.3.5 PPG Output Mode Register (PMR) .................................................................. 793 15.4 Operation .......................................................................................................................... 797 15.4.1 Output Timing................................................................................................... 797 15.4.2 Sample Setup Procedure for Normal Pulse Output........................................... 798 15.4.3 Example of Normal Pulse Output (Example of 5-Phase Pulse Output) ............ 800 15.4.4 Non-Overlapping Pulse Output......................................................................... 801 15.4.5 Sample Setup Procedure for Non-Overlapping Pulse Output ........................... 803 15.4.6 Example of Non-Overlapping Pulse Output (Example of 4-Phase Complementary Non-Overlapping Pulse Output)............................................................. 805 15.4.7 Inverted Pulse Output ....................................................................................... 807 15.4.8 Pulse Output Triggered by Input Capture ......................................................... 808 15.5 Usage Notes ...................................................................................................................... 809 15.5.1 Module Stop State Function.............................................................................. 809 15.5.2 Operation of Pulse Output Pins......................................................................... 809 15.5.3 TPU Setting when PPG1 is in Use.................................................................... 809 Section 16 8-Bit Timers (TMR).........................................................................811 16.1 Features............................................................................................................................. 811 16.2 Input/Output Pins.............................................................................................................. 816 16.3 Register Descriptions ........................................................................................................ 817 16.3.1 Timer Counter (TCNT)..................................................................................... 819 |