| Zakładka z wyszukiwarką danych komponentów |
|
H8SX/1663M Arkusz danych(PDF) 803 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Arkusz danych(HTML) 803 Page - Renesas Technology Corp |
|
803 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 771 of 1468 REJ09B0412-0200 14.10.9 Conflict between TGR Write and Input Capture If the input capture signal is generated in the T2 state of a TGR write cycle, the input capture operation takes precedence and the write to TGR is not performed. Figure 14.52 shows the timing in this case. TCNT P φ Input capture signal Address TGR address Write T 1 T 2 TGR write cycle M M TGR Figure 14.52 Conflict between TGR Write and Input Capture |