| Zakładka z wyszukiwarką danych komponentów |
|
H8SX/1663M Arkusz danych(PDF) 96 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Arkusz danych(HTML) 96 Page - Renesas Technology Corp |
|
96 / 1504 page ![]() Section 2 CPU Rev. 2.00 Sep. 24, 2008 Page 64 of 1468 REJ09B0412-0200 Instruction Size Function BISTZ B ∼ Z → (<bit-No.> of <EAd>) Transfers the inverse of the zero flag value to a specified bit in the contents of a memory location. The bit number is specified by 3-bit immediate data. BFLD B (EAs) (bit field) → Rd Transfers a specified bit field in memory location contents to the lower bits of a specified general register. BFST B Rs → (EAd) (bit field) Transfers the lower bits of a specified general register to a specified bit field in memory location contents. Table 2.10 Branch Instructions Instruction Size Function BRA/BS BRA/BC B Tests a specified bit in memory location contents. If the specified condition is satisfied, execution branches to a specified address. BSR/BS BSR/BC B Tests a specified bit in memory location contents. If the specified condition is satisfied, execution branches to a subroutine at a specified address. Bcc — Branches to a specified address if the specified condition is satisfied. BRA/S — Branches unconditionally to a specified address after executing the next instruction. The next instruction should be a 1-word instruction except for the block transfer and branch instructions. JMP — Branches unconditionally to a specified address. BSR — Branches to a subroutine at a specified address. JSR — Branches to a subroutine at a specified address. RTS — Returns from a subroutine. RTS/L — Returns from a subroutine, restoring data from the stack to multiple general registers. |