| Zakładka z wyszukiwarką danych komponentów |
|
H8SX/1663M Arkusz danych(PDF) 1121 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Arkusz danych(HTML) 1121 Page - Renesas Technology Corp |
|
1121 / 1504 page ![]() Section 22 A/D Converter Rev. 2.00 Sep. 24, 2008 Page 1089 of 1468 REJ09B0412-0200 22.5 Interrupt Source The A/D converter generates an A/D conversion end interrupt (ADI) at the end of A/D conversion. Setting the ADIE bit to 1 when the ADF bit in ADCSR is set to 1 after A/D conversion is completed enables ADI interrupt requests. The data transfer controller (DTC)* and DMA controller (DMAC) can be activated by an ADI interrupt. Having the converted data read by the DTC* or DMAC in response to an ADI interrupt enables continuous conversion to be achieved without imposing a load on software. Note: * Only possible in unit 0. Table 22.7 A/D Converter Interrupt Source Name Interrupt Source Interrupt Flag DTC Activation DMAC Activation ADI0 A/D conversion end ADF Possible* Possible Note: * Only possible in unit 0. |