| Zakładka z wyszukiwarką danych komponentów |
|
H8SX/1663M Arkusz danych(PDF) 1166 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Arkusz danych(HTML) 1166 Page - Renesas Technology Corp |
|
1166 / 1504 page ![]() Section 25 Flash Memory Rev. 2.00 Sep. 24, 2008 Page 1134 of 1468 REJ09B0412-0200 (5) Flash Multipurpose Address Area Parameter (FMPAR: General Register ER1 of CPU) FMPAR stores the start address of the programming destination on the user MAT. When an address in an area other than the flash memory is set, or the start address of the programming destination is not aligned with the 128-byte boundary, an error occurs. The error occurrence is indicated by the WA bit in FPFR. 31 MOA31 30 MOA30 29 MOA29 28 MOA28 27 MOA27 24 MOA24 26 MOA26 25 MOA25 23 MOA23 22 MOA22 21 MOA21 20 MOA20 19 MOA19 16 MOA16 18 MOA18 17 MOA17 15 MOA15 14 MOA14 13 MOA13 12 MOA12 11 MOA11 8 MOA8 10 MOA10 9 MOA9 7 MOA7 6 MOA6 5 MOA5 4 MOA4 3 MOA3 0 MOA0 2 MOA2 1 MOA1 Bit Bit Name Bit Bit Name Bit Bit Name Bit Bit Name Bit Bit Name Initial Value R/W Description 31 to 0 MOA31 to MOA0 R/W These bits store the start address of the programming destination on the user MAT. Consecutive 128-byte programming is executed starting from the specified start address of the user MAT. Therefore, the specified start address of the programming destination becomes a 128-byte boundary, and MOA6 to MOA0 are always cleared to 0. |