| Zakładka z wyszukiwarką danych komponentów |
|
H8SX/1663M Arkusz danych(PDF) 1177 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Arkusz danych(HTML) 1177 Page - Renesas Technology Corp |
|
1177 / 1504 page ![]() Section 25 Flash Memory Rev. 2.00 Sep. 24, 2008 Page 1145 of 1468 REJ09B0412-0200 (2) State Transition Diagram The state transition after USB boot mode is initiated is shown in figure 25.10. Boot mode initiation (reset by boot mode) All user MAT erasure Enumeration Inquiry command reception Inquiry command response H'55 reception Processing of inquiry setting command Wait for inquiry setting command Read/check command reception Command response (Programming completion) (Program selection command reception) (Erasu re completion) (Erasure selec tion command reception) (Program data transmission) Processing of read/check command Wait for inquiry programming/erasing command Wait for inquiry programming/erasing command Wait for inquiry programming/erasing command 1. 2. 3. 4. (Erase-block specification) Figure 25.10 USB Boot Mode State Transition Diagram 1. After a transition to the USB boot mode is made, the boot program embedded in this LSI is initialized. This LSI performs enumeration to the host after the USB boot program is initialized. 2. Inquiry information about the size, configuration, start address, and support status of the user MAT is transmitted to the host. 3. After inquiries have finished, all user MAT are automatically erased. |