| Zakładka z wyszukiwarką danych komponentów |
|
H8SX/1663M Arkusz danych(PDF) 206 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Arkusz danych(HTML) 206 Page - Renesas Technology Corp |
|
206 / 1504 page ![]() Section 8 User Break Controller (UBC) Rev. 2.00 Sep. 24, 2008 Page 174 of 1468 REJ09B0412-0200 8.3.1 Break Address Register n (BARA, BARB, BARC, BARD) Each break address register n (BARn) consists of break address register nH (BARnH) and break address register nL (BARnL). Together, BARnH and BARnL specify the address used as a break condition on channel n of the UBC. Bit: Initial Value: R/W: Bit: Initial Value: R/W: 31 BARn31 0 R/W 30 BARn30 0 R/W 29 BARn29 0 R/W 28 BARn28 0 R/W 27 BARn27 0 R/W 24 BARn24 0 R/W 26 BARn26 0 R/W 25 BARn25 0 R/W 23 BARn23 0 R/W 22 BARn22 0 R/W 21 BARn21 0 R/W 20 BARn20 0 R/W 19 BARn19 0 R/W 16 BARn16 0 R/W 18 BARn18 0 R/W 17 BARn17 0 R/W 15 BARn15 0 R/W 14 BARn14 0 R/W 13 BARn13 0 R/W 12 BARn12 0 R/W 11 BARn11 0 R/W 8 BARn8 0 R/W 10 BARn10 0 R/W 9 BARn9 0 R/W 7 BARn7 0 R/W 6 BARn6 0 R/W 5 BARn5 0 R/W 4 BARn4 0 R/W 3 BARn3 0 R/W 0 BARn0 0 R/W 2 BARn2 0 R/W 1 BARn1 0 R/W BARnH BARnL • BARnH Bit Bit Name Initial Value R/W Description 31 to 16 BARn31 to BARn16 All 0 R/W Break Address n31 to 16 These bits hold the upper bit values (bits 31 to 16) for the address break-condition on channel n. [Legend] n = Channels A to D • BARnL Bit Bit Name Initial Value R/W Description 15 to 0 BARn15 to BARn0 All 0 R/W Break Address n15 to 0 These bits hold the lower bit values (bits 15 to 0) for the address break-condition on channel n. [Legend] n = Channels A to D |