| Zakładka z wyszukiwarką danych komponentów |
|
ISO35DWG4 Arkusz danych(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISO35DWG4 Arkusz danych(HTML) 2 Page - Renesas Technology Corp |
|
2 / 20 page ![]() ABSOLUTE MAXIMUM RATINGS (1) RECOMMENDED OPERATING CONDITIONS SUPPLY CURRENT ISO15 ISO35 SLOS580B – MAY 2008 – REVISED JULY 2008................................................................................................................................................................ www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. VALUE UNIT VCC Input supply voltage. (2) VCC1, VCC2 –0.3 to 6 V VO Voltage at any bus I/O terminal –9 to 14 V VIT Voltage input, transient pulse, A, B, Y, and Z (through 100 Ω, see Figure 11) –50 to 50 V VI Voltage input at any D, DE or RE terminal –0.5 to 7 V IO Receiver output current ±10 mA Bus pins and GND1 ±6 JEDEC Standard 22, Human Body Model Bus pins and GND2 ±16 kV Test Method A114-C.01 All pins ±4 Electrostatic ESD discharge JEDEC Standard 22, kV Charged Device ±1 Model Test Method C101 All pins Machine Model ANSI/ESDS5.2-1996 ±200 V TJ Maximum junction temperature 170 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values MIN TYP MAX UNIT VCC Supply Voltage, VCC1, VCC2 3.15 3.3 3.6 V VOC Voltage at either bus I/O terminal A, B –7 12 V VIH High-level input voltage 2 VCC D, DE, RE V VIL Low-level input voltage 0 0.8 VID Differential input voltage A with respect to B –12 12 V RL Differential input resistance 54 60 Ω Driver –60 60 IO Output current mA Receiver –8 8 TJ Operating junction temperature –40 150 °C over recommended operating condition (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT RE at 0 V or Vcc, DE at 0 V, No load (driver disabled) 8 ISO35 mA RE at 0 V or Vcc, DE at VCC, No Load (driver enabled) 8 Logic-side supply ICC1 current RE at 0 V or Vcc, DE at 0 V, No load (driver disabled) 8 ISO15 mA RE at 0 V or Vcc, DE at VCC, No Load (driver enabled) 8 RE at 0 V or Vcc, DE at 0 V, No load (driver disabled) 15 ISO35 mA RE at 0 V or Vcc, DE at VCC, No Load (driver enabled) 19 Bus-side supply ICC2 current RE at 0 V or Vcc, DE at 0 V, No load (driver disabled) 15 ISO15 mA RE at 0 V or Vcc, DE at VCC, No Load (driver enabled) 19 2 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): ISO15 ISO35 |