| Zakładka z wyszukiwarką danych komponentów |
|
7721 Arkusz danych(PDF) 284 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Arkusz danych(HTML) 284 Page - Renesas Technology Corp |
|
284 / 577 page ![]() 7721 Group User’s Manual 13-5 DMA CONTROLLER (4) Continuous transfer mode s Single transfer mode 1 block of data is transferred once. For details, refer to section “13.5 Single transfer mode.” s Repeat transfer mode 1 block of data is transferred repeatedly. For details, refer to section “13.6 Repeat transfer mode.” s Array chain transfer mode Several blocks of data are transferred. The transfer parameters (transfer source and destination addresses, the number of transfer bytes) of each block must be located on the memory in series. For details, refer to section “13.7 Array chain transfer mode.” s Link array chain transfer mode Several blocks of data are transferred. Transfer parameters for each block can be located on the memory in separate, in a unit of 1- block’s parameters. For details, refer to section “13.8 Link array chain transfer mode.” 13.1 Overview |