| Zakładka z wyszukiwarką danych komponentów |
|
4513 Arkusz danych(PDF) 69 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 Arkusz danych(HTML) 69 Page - Renesas Technology Corp |
|
69 / 210 page ![]() 1-56 HARDWARE 4513/4514 Group User’s Manual Table 22 Key-on wakeup control register, pull-up control register, and interrupt control register K03 K02 K01 K00 Key-on wakeup control register K0 PU03 PU02 PU01 PU00 Key-on wakeup not used Key-on wakeup used Key-on wakeup not used Key-on wakeup used Key-on wakeup not used Key-on wakeup used Key-on wakeup not used Key-on wakeup used Pins P12 and P13 key-on wakeup control bit Pins P10 and P11 key-on wakeup control bit Pins P02 and P03 key-on wakeup control bit Pins P00 and P01 key-on wakeup control bit at reset : 00002 at RAM back-up : state retained 0 1 0 1 0 1 0 1 Pull-up transistor OFF Pull-up transistor ON Pull-up transistor OFF Pull-up transistor ON Pull-up transistor OFF Pull-up transistor ON Pull-up transistor OFF Pull-up transistor ON Pins P12 and P13 pull-up transistor control bit Pins P10 and P11 pull-up transistor control bit Pins P02 and P03 pull-up transistor control bit Pins P00 and P01 pull-up transistor control bit R/W Pull-up control register PU0 at reset : 00002 at RAM back-up : state retained 0 1 0 1 0 1 0 1 R/W I13 I12 I11 I10 I23 I22 I21 I20 Not used Interrupt valid waveform for INT0 pin/ return level selection bit (Note 2) INT0 pin edge detection circuit control bit INT0 pin timer 1 control enable bit This bit has no function, but read/write is enabled. Falling waveform (“L” level of INT1 pin is recognized with the SNZI1 instruction)/“L” level Rising waveform (“H” level of INT1 pin is recognized with the SNZI1 instruction)/“H” level One-sided edge detected Both edges detected Disabled Enabled Not used Interrupt valid waveform for INT1 pin/ return level selection bit (Note 3) INT1 pin edge detection circuit control bit INT1 pin timer 3 control enable bit Notes 1: “R” represents read enabled, and “W” represents write enabled. 2: When the contents of I12 is changed, the external interrupt request flag EXF0 may be set. Accordingly, clear EXF0 flag with the SNZ0 instruction. 3: When the contents of I22 is changed, the external interrupt request flag EXF1 may be set. Accordingly, clear EXF1 flag with the SNZ1 instruction. Interrupt control register I1 R/W at RAM back-up : state retained at reset : 00002 This bit has no function, but read/write is enabled. Falling waveform (“L” level of INT0 pin is recognized with the SNZI0 instruction)/“L” level Rising waveform (“H” level of INT0 pin is recognized with the SNZI0 instruction)/“H” level One-sided edge detected Both edges detected Disabled Enabled 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Interrupt control register I2 R/W at RAM back-up : state retained at reset : 00002 FUNCTION BLOCK OPERATIONS |